PART |
Description |
Maker |
BZX84C18LT1 BZX84C18LT3 BZX84C36LT1 BZX84C36LT3 BZ |
From old datasheet system Small Signal 5% 20V Small Signal 5% 15V Small Signal 5% 13V Zener Zener Diode MINIBLOC Small Signal 5% 8.2V Zener NP Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 5% 9.1V Small Signal 4.7V Small Signal 5% 7.5V Small Signal 5% 5.1V Zener Voltage Regulators 5.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 3.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 6.2 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 10 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 7.5 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 51 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
|
ONSEMI[ON Semiconductor]
|
BZX84C2V4LT1 SOT-23 BZX84C2V4LT1THRUBZX84C75LT1 BZ |
Zener Voltage Regulator Didoes CONTACT ELEC CONNECTOR RECEPTACLE,CONN 6POS STRT 225 mW SOT-23 Zener Voltage Regulator Diodes 24 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 225毫瓦的SOT - 23封装稳压稳压二极
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
CMLD2004S |
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES 0.225 A, 300 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp.
|
UMIL60 |
60 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz 60瓦,28伏特,AB类Defcom 225 - 400兆赫 60 Watts / 28 Volts / Class AB Defcom 225 - 400 MHz
|
ETC Electronic Theatre Controls, Inc. GHZTECH[GHz Technology]
|
M306N0FGTFP M306N0MCT |
60 W / 225 to 400 MHz CONTROLLED Q BROADBAND RF POWER TRANSISTOR NPN SILICON 60 W, 225 to 400 MHz CONTROLLED Q BROADBAND RF POWER TRANSISTOR NPN SILICON 60 W, 225 to 400 MHz CONTROLLED Q?BROADBAND RF POWER TRANSISTOR NPN SILICON
|
Tyco Electronics
|
UMIL100A |
UHF 225-400 MHz, Class C, Common Emitter; P(out) (W): 100; P(in) (W): 16; Gain (dB): 8; Vcc (V): 28; Cob (pF): 120; fO (MHz): 0; Case Style: 55JU-2 UHF BAND, Si, NPN, RF POWER TRANSISTOR 100 Watts / 28 Volts / Class AB Defcom 225 - 400 MHz 100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
|
Microsemi, Corp. Electronic Theatre Controls, Inc. ETC GHZTECH[GHz Technology]
|
BZX84C2V4ET1D BZX84CXXXET1 BZX84CXXXET1G BZX84CXXX |
Zener Voltage Regulators 225 mW SOT−23 Surface Mount 225 W e-Rated Zener 36 V SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000
|
ON Semiconductor
|
1N6661 |
Signal or Computer Diode; Package: B; IO (A): 0.5; IFSM (A): 5; Cj (pF): 20; Vrwm (V): 225; VF (V): 1; IR (µA): 0.05; 0.5 A, SILICON, SIGNAL DIODE, DO-35
|
Microsemi, Corp.
|
1741870000 |
BLZ 5.08/2/225 SN SW
|
Weidmuller
|
1946560000 |
BLZP 5.08/02/225 SN BK BX
|
Weidmuller
|
WM2617CD WM2617 WM2617ID |
From old datasheet system DUAL 10-BIT SERIAL INPUT VOLTAGE DAC Dual 10-Bit Serial DAC with Power Down TVS UNIDIR 600W 8.5W SMB
|
WOLFSON[Wolfson Microelectronics plc]
|
|